PART |
Description |
Maker |
MAX4237 MAX4237A MAX4237EUT-T MAX4237BESA MAX4237A |
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps OP-AMP, 340 uV OFFSET-MAX, 7.5 MHz BAND WIDTH, PDSO8 "SOT23, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" "8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" SOT23 Very High Precision 3V/5V Rail-to-Rail Op Amps "?8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (Unity Gain Stable)" SOT23 / Very High Precision / 3V/5V Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD8631 AD8631ART AD8632 AD8632AR AD8632ARM AD8632A |
Dual, 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifier 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers 1.8伏,5兆赫轨到轨低功耗运算放大器 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
KBPC1506F KBPC1506FW KBPC1502F KBPC1502FW KBPC1501 |
Dual Low-Noise Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 硅桥式整流器 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 硅桥式整流器 Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125 Silicon-Bridge Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
KBPC102 KBPC106 KBPC108 KBPC110 KBPC1005 KBPC101 K |
Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 3.0A SINGLE - PHASE SILICON BRIDGE 3.0A的单-相硅
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp.
|
KM4270 KM4270IC8 KM4270IM8 KM4270IM8TR3 KM4270IC8T |
XTAL MTL SMT HC49/USM 双路,低成本.7VV的,轨对轨输输出放大 Dual/ Low Cost/ 2.7V and 5V/ Rail-to-Rail I/O Amplifier Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
OP19602 OP296 OP196HRU |
15V; micropower, rail-to-rail input and output operational amplifier. For battery monitoring, sensor conditioners Micropower, Rail-to-Rail Input and Output Operational Amplifiers
|
Analog Devices
|
EL5111 EL5111IWT-T7 EL5111IWT-T7A EL5111IWTZ-T7 EL |
Intersil 60MHz Rail-to-Rail Input-Output Op Amps 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps DUAL OP-AMP, 15000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps 4 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
AD823AR AD823AR-REEL |
Dual/ 16 MHz/ Rail-to-Rail FET Input Amplifier Dual, 16 MHz, Rail-to-Rail FET Input Amplifier RECTIFIER SCHOTTKY SINGLE 8A 30V 200A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE
|
Analog Devices, Inc.
|